Part Number Hot Search : 
HSDL1001 22100 1SS35 200BG 64GA108 2SA107 KIA78R09 HER105P
Product Description
Full Text Search
 

To Download EPC-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power requirement power input dc 10 ~ 30v input (w/ 3-pin terminal block) power consumption 60w (max.) storage type 1 x 2.5 " drive bay for sata interface hdd/ssd supporting 300mb/s hdd transfer rate 1 x cfast socket mechanical construction aluminum alloy mounting wall-mount/din rail mounting weight max. 2.92 kg (6.42 lb) dimensions (w x d x h) epc-2020: 164 x 192 x 120 mm (6.46 x 7.56 x 4.72 ) epc-2030: 164 x 192 x 140 mm (6.46 " x 7.56 " x 5.51 " ) ordering information epc-2020 EPC-2000 with 1 x pcie slot & 1 x pci slot epc-2030 EPC-2000 with 2 x pcie slot & 1 x pci slot EPC-2000 series embedded programmable controller with intel? atom? d525 platform ? fanless, cable-less and modularized design ? wide range dc power input (10 ~ 30v) ? rich onboard i/o and expansion slots (max. 2 x pciex1 slots, 1 x pci slot) ? rs-485 auto-fow control supported ? easy installation/maintenance ? intel? 2.5" sataii ssd compatible system cpu soldered onboard intel ? atom? d525 processor memory soldered onboard ddr3 2gb sdram chipset intel ? ich8m graphics integrated with intel ? gma 3150 lan chipset 2 x intel ? 82574l pcie controllers watchdog timer 1~255 level reset peripherals and devices serial port 4 x com ports with db-9 male connectors (com1, com2: rs-232, com3, com4: rs-232/422/485 selectable) usb port 4 x usb type a connectors for usb 2.0 ports lan 2 x rj-45 gigabit ethernet ports video port 1 x db-15 female connector for analog rgb 1 x db-26 male connector for dual channel 24-bit lvds port audio mic-in/line-out with realtek alc886 hd audio codec kb/ms ps/2 interface keyboard/ mouse via y-cable expansion bus max. 2 x pciex1 slots 1 x pci slot environmental operating temp. -20 ~ 60c (-4 ~ 140of), ambient with air fow storage temp. -40 ~ 85c (-40 ~ 185f) relative humidity 10 ~ 95% @ 40c (non-condensing) vibration 3g rms /5 to 500hz/random operation, with ssd shock & crash operating 20g (11ms), non-operating 40g with hdd operating 40g (11ms), non-operating 60g with cfast/ ssd crash 80g (11ms) qualifcation certifcation ce, fcc epc-2020 epc-2030 ? fanless, cable-less design features all specifcations are subject to change without notice.
all specifcations are subject to change without notice. dimensions EPC-2000 series 164.00 192.00 190.00 180.00 100.00 80.00 6.50 #6-32 nut (x4) unit: mm (a) dimensions model (a) 120mm 140mm epc-2020 epc-2030 ? fast , tool-free installation cfast & hdd thumbscrew design for easy, tool-free installation easily remove top cover by hand 2.5" hard disk drive cfast card installation
all specifcations are subject to change without notice. optional accessories pac-p065w 65w ac/dc adapter kit power input 100 ~ 240 vac power output 19vdc, 3.4a, 65w ssd-25080 intel? 2.5" 80gb sataii ssd kit brand/type intel / 2.5 inch interface sataii capacity 80gb dimensions (w x d x h) 100.45 x 69.85 x 9.5 mm (3.95" x 2.75" x 0.37") wmk-2000 wall-mount kit for EPC-2000 series material spcc+ni dimensions (w x d x h) 120 x 4.2 x 190 mm (4.72" x 0.17" x 7.48") drk-2000 din rail mounting kit for EPC-2000 series material spcc+ni, al6063 display compatibility din rail 35 mm optional i/o expansion dio-16/16l(pci)h 16-ch input / 16-ch output isolated digital i/o board for pci digital input 16 ch (opto-isolation) digital output 16 ch (opto-isolation) interface pci dio-32/32l(pci)h 32-ch input / 32-ch output isolated digital i/o board for pci digital input 32 ch (opto-isolation) digital output 32 ch (opto-isolation) interface pci comm-2pd(pci)h 2-ch isolated rs-422a/485 communication i/o board with isolation for pci serial port 2 x isolated rs-422a/485 serial ports interface pci tml-96 96-pin din rail mountable screw terminal tml-37 37-pin din rail mountable screw terminal cbl-96-1.5p 1.5m length shielding cable with 96-pin half-pitch connector at each end cbl-37-1.5p 1.5m length shielding cable with 37-pin d- type (m) connector at each end


▲Up To Search▲   

 
Price & Availability of EPC-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X